Part Number Hot Search : 
25L32 NTE5143A 00BZXI RT1N241U 22152 MC3062 MIC4600 DTB123ES
Product Description
Full Text Search
 

To Download AK63264AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK63264A SRAM Module consists of fast high performance SRAMs mounted on a low height, 64 pin SIM or ZIP Board. The module utilizes four 32 pin 64K x 8 SRAMs in 300 mil SOJ packages and four decoupling capacitors mounted on the front side of a printed circuit board. The SRAMs used have common I/O functions and single output enable functions. Also, four separate chip select (CE) connections are used to independently enable the four bytes. The modules can be supplied in a variety of access time values from 12nSEC to 35nSEC in CMOS or BiCMOS technology. The Accutek module is designed to have a maximum seated height of 0.600 inch to provide for the lowest height off the board. Each conforms to JEDEC-standard sizes and pin-out configurations. Using two pins for module density identification, PD0 and PD1, minimizes interchangeability and design considerations when changing from one module size to the other in customer applications.
AK63264AW 65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
Front View
1
32
33
64
* Upward compatible with 128K x 32 (AK632128), 256K x 32 (AK632256),512K x 32 ( AK632512) and 1 Meg x 32 (AK6321024) * TTL-compatible inputs and outputs * Single 5 volt power supply - AK63264AW * Single 3.3 volt power supply - AK63264AW/3.3 * Operating temperature range in free air, 00 to 700C
FEATURES
* 65,536 x 32 bit organization * JEDEC Standard 64 pin SIM or ZIP format * Common I/O, single OE fucntions with four separate chip selects (CE) * Low height, 0.600 inch maximum * Presence Detect, PD0 and PD1 for identifying module density * Downard compatible with 32K x 32 (AK63232W) * Fast access to,es frp, 12nSEC
ELECTRICAL SPECIFICATIONS
Timing Diagrams and basic electrical characteristics are those of the standard 64K x 8 SRAMs used to construct these modules. Accutek's module design allows the flexibility of selecting industry-compatible 64K x 8 SRAMs from several semiconductor manufacturers.
PIN NOMENCLATURE
A0 - A15 CE1 - CE4 DQ1 - DQ32 OE PD0 - PD1 Vcc Vss WE NC Address Inputs Chip Enable Data In/Data Out Output Enable Presence Detect Power Supply Ground Write Enable No Connect
PIN ASSIGNMENT
PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL
FUNCTIONAL DIAGRAM
CE4 CE3 NC NC OE Vss DQ25 DQ17 DQ26 DQ18 DQ27 DQ19 DQ28 DQ20 A3 A10 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 A4 A11 A5 A12 Vcc A13 A6 DQ21 DQ29 DQ22 DQ30 DQ23 DQ31 DQ24 DQ32 Vss
1 2 3 4 5 6 7 8 9 10 11 12
Vss PD0 PD1 DQ1 DQ9 DQ2 DQ10 DQ3 DQ11 DQ4 DQ12 Vcc A0 A7 A1 A8
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
A2 A9 DQ13 DQ5 DQ14 DQ6 DQ15 DQ7 DQ16 DQ8 Vss WE A15 A14 CE2 CE1
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
MODULE OPTIONS
Leadless SIM: AK63264AW
13 14 15 16
PD0 = Open PD1 = Vss
ORDERING INFORMATION PART NUMBER CODING INTERPRETATION
Position 1 2 Product AK = Accutek Memory Type 4 = Dynamic RAM 5 = CMOS Dynamic RAM 6 = Static RAM Organization/Word Width 1 = by 1 16 = by 16 4 = by 4 32 = by 32 8 = by 8 36 = by 36 9 = by 9 Size/Bits Depth 64 = 64K 4096 = 4 MEG 256 = 256K 8192 = 8 MEG 1024 = 1 MEG 16384 = 16 MEG Package Type G = Single In-Line Package (SIP) S = Single In-Line Module (SIM) D = Dual In-Line Package (DIP) W = .050 inch Pitch Edge Connect Z = Zig-Zag In-Line Package (ZIP) Special Designation P = Page Mode N = Nibble Mode K = Static Column Mode W = Write Per Bit Mode V = Video Ram Separator - = Commercial 00C to +700C M = Military Equivalent Screened (-550C to +1250C) I = Industrial Temperature Tested (-450C to +850C) X = Burned In Speed (first two significant digits) DRAMS SRAMS 50 = 50 nS 8= 8 nS 60 = 60 nS 10 = 10 nS 70 = 70 nS 12 = 12 nS 80 = 80 nS 15 = 15 nS
1 2 3 4 5 6 7 8
MECHANICAL DIMENSIONS
Inches
0.600 MAX 0.425 0.375
3
0.250
4
0.090 0.070
5
CC LL
6
0.050 TYP 3.840 3.860
CC LL
7
.130 .120
8
The numbers and coding on this page do not include all variations available but are show as examples of the most widely used variations. Contact Accutek if other information is required.
EXAMPLES:
AK63264AW-12 64K x 32, 12 nSEC, SRAM Module, SIM Configuration, Low Height
0.200 MAX
.053 .047
ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 Phone: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.


▲Up To Search▲   

 
Price & Availability of AK63264AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X